Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download CDBA120L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
CDBA120L thru CDBA140SL
Voltage: 20V - 40V Forward Current: 1.0 Amp
Features
Ideal for surface mount applications Easy pick and place Built-in strain relief Super low forward voltage drop
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06) 0.012(0.31) 0.006(0.15) 0.091(2.31) 0.067(1.70) 0.059(1.50) 0.035(0.89) 0.008(0.20) 0.004(0.10) 0.110(2.79) 0.086(2.18)
DO-214AC (SMA)
Mechanical Data
Case: Molded plastic Epoxy: UL 94-0 rate flame retardant Metallurgically bonded construction Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.063g
0.209(5.31) 0.185(4.70)
Dimensions in inches and (millimeters)
Maxium R atings and Electrical Characteristics
Rating 25 ambient temperature unless otherwise specified Single phase half wave, 60Hz, resistive or include load. For capacitive load, derate current by 20% TYPE NUMBER CDBA120L CDBA120LL CDBA120SL CDBA140L CDBA140LL CDBA140SL Maximum Recurrent Peak Reverse Voltage 20 20 20 40 40 40 Maximum RM Voltage S 14 14 14 28 28 28 Maximum DCBlocking Voltage 20 20 20 40 40 40 Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms single half sinewave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DCReverse Current Ta = 25C at Rated DC Blocking Voltage Ta = 80C Operating Temperature Range TJ Storage Temperature Range TSTG 1.0 35 0.4 0.37 0.31
1.0 40
UNITS V V V A A
0.38
0.34
0.31
V mA C C
-25 to +80 -50 to +125
MDS0210009B
Page 1
SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
RATING AND CHARACTERISTIC CURVES (CDBA120L THRU CDBA140SL)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
1.0 0.8 0.6 0.4 0.2
PEAK FORWARD SURGE CURRENT,(A)
1.2
40
CD BA 12 0L ~C DB A1 40 SL
30
Tj=25 C
8.3ms Single Half Sine Wave JEDEC method
20
10
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
0
1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE
700 600 500
JUNCTION CAPACITANCE,(pF)
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
100
400 300 200
CDBA12 0L / 12
CD BA1
CD BA 14 0S L
20S
L/
140
LL
100 0
0LL / 14
0L
.01
.05
.1
.5
1
5
10
50
100
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
REVERSE VOLTAGE,(V)
.1
Tj=25 C
.01 0
20
40
60
80
100 120 140
PERCENTAGE RATED PEAK REVERSE VOL TAGE
MDS0210009B
Page 2
SMD Schottky Barrier Rectifier
CDBA120L thru CDBA140SL
FIG. 5 (For CDBA120L)
FORWARD CURRENT (MILLIAMPERES)
COMCHIP
www.comchip.com.tw
FIG. 6 (For CDBA120LL)
FORWARD CURRENT (MILLIAMPERES)
TYPICAL FORWARD CHARACTERISTICS
TYPICAL FORWARD CHARACTERISTICS
1E+03
1E+03
Tj=100 oC
Tj=100 C
o
1E+02
1E+01
1E+00
1E-01
1E-01
1E+00
1E+01
1E+02
Tj=25 C
o
Tj=25 C
o
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD VOLTAGE (MILLIVOLTS)
FIG. 7 (For CDBA120SL)
FORWARD CURRENT (MILLIAMPERES)
FIG. 8 (For CDBA140L)
FORWARD CURRENT (MILLIAMPERES)
TYPICAL FORWARD CHARACTERISTICS
TYPICAL FORWARD CHARACTERISTICS
1E+03
1E+03
Tj=100 oC
Tj=100 oC
1E+02
1E+01
1E+00
1E-01
1E-01
1E+00
1E+01
1E+02
Tj=25 C
o
Tj=25 C
o
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
800
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD VOLTAGE (MILLIVOLTS)
MDS0210009B
Page 3
SMD Schottky Barrier Rectifier
CDBA120L thru CDBA140SL
FIG. 9 (For CDBA140LL)
FORWARD CURRENT (MILLIAMPERES)
COMCHIP
www.comchip.com.tw
FIG. 10 (For CDBA140SL)
FORWARDCURRENT (MILLIAMPERES)
TYPICAL FORWARD CHARACTERISTICS
TYPICAL FORWARD CHARACTERISTICS
1E+03
Tj=100 C
1E+03
o
Tj=100 C
o
1E+02
Tj=25 C
Tj=25 C
o
o
1E+01
1E-01
1E+00
0
100
200
300
400
500
600
1E+00
1E+01
1E+02
FORWARD VOLTAGE (MILLIVOLTS)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
MDS0210009B
Page 4


▲Up To Search▲   

 
Price & Availability of CDBA120L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X